Part Number Hot Search : 
TMP86 TB9228 PTF22730 M318TCN BF988 MM1068 AM2520EH 03XXX
Product Description
Full Text Search
 

To Download SF86S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
SF81S THRU SF86S
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes
FEATURES
* * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit
.05 (1.27 REF.)
D2PAK
MECHANICAL DATA
* * * * * Case: D2PAK molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.2 grams
.185 (4.70) .177 (4.50) .051 (1.29) .049 (1.25)
.343 (8.70) .335 (8.50)
.624 (15.84) .576 (14.64)
.151 (3.84) .143 (3.64)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.200 (5.08)
.401 (10.19) .399 (10.13)
.015 (0.381)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 100 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM R J C CJ TJ, TSTG 50 -65 to + 150 SF81S 50 35 50 SF82S 100 70 100 SF83S 150 105 150 8.0 125 3 30 SF84S 200 140 200 SF85S 300 210 300 SF86S 400 280 400 UNITS Volts Volts Volts Amps Amps
0
.065 (1.65)
.052 (1.32) .048 (1.22) .032 (0.81)
.043 (1.10)
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR =- 0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "R" for Reverse Polarity. @TC = 100 oC SYMBOL VF IR trr 35 SF81S SF82S 1.0 10 500 50 SF83S SF84S SF85S 1.35 SF86S UNITS Volts uAmps nSec 2001-4
RATING AND CHARACTERISTIC CURVES ( SF81S THRU SF86S )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 10 8 6 4 2 0 0 50 100 CASE TEMPERATURE, ( 150 )
Single Phase Half Wave 60Hz Inductive or Resistive Load
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 1000
INSTANTANEOUS REVERSE CURRENT, (uA)
TC = 100
100
10
TC = 25
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 150 125
1.0
0.1 100 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 REVERSE VOLTAGE, ( V ) 100
TJ = 25
SF8 1S~ SF8
40 20 10 4 2 1.0 .4 .2 .1 .6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V) 1.3
SF
SF 81 S S~ F8 4S
4S
85S
~S
S F86
SF8
5S~
SF8
6S
TJ=25 Pulse Width = 300uS 1% Duty Cycle
RECTRON


▲Up To Search▲   

 
Price & Availability of SF86S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X